Part Number Hot Search : 
MV3507DG 74HC54 IRLI530N N6068 718VZM PC4004D IRGC2 06300
Product Description
Full Text Search
 

To Download CUS02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CUS02
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CUS02
Switching Mode Power Supply Applications Portable Equipment Battery Application
Unit: mm
* * * *
Forward voltage: VFM = 0.45 V@IF = 0.7 A Average forward current: IF (AV) = 1.0 A Repetitive peak reverse voltage: VRRM = 30 V Suitable for compact assembly due to small surface-mount package "US-FLATTM" (Toshiba package name)
Maximum Ratings (Ta = 25C)
Characteristics Repetitive peak reverse voltage Average forward current Peak one cycle surge forward current Junction temperature Storage temperature range Symbol VRRM IF (AV) IFSM Tj Tstg Rating 30 1.0 (Note 1) 20 (50 Hz) -40 to 150 -40 to 150 Unit V A A C C
JEDEC JEITA TOSHIBA
3-2B1A
Note 1: Ta = 52C: Device mounted on a glass-epoxy board Board size: 50 mm x 50 mm, Land size: 6 mm x 6 mm Rectangular waveform ( = 180), VR = 15 V
Weight: 0.004 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristics Symbol VFM (1) Peak forward voltage VFM (2) VFM (3) Repetitive peak reverse current Junction capacitance IRRM (1) IRRM (2) Cj IFM = 0.1 A IFM = 0.7 A IFM = 1.0 A VRRM = 5 V VRRM = 30 V VR = 10 V, f = 1.0 MHz Device mounted on a ceramic board (soldering land: 2 mm x 2 mm) Rth (j-a) Device mounted on a glass-epoxy board (soldering land: 6 mm x 6 mm) Junction to lead of cathode side Test Condition Min Typ. 0.35 0.42 0.47 0.7 10 40 Max 0.45 100 75 C/W 150 30 C/W A pF V Unit
Thermal resistance (junction to ambient)
Thermal resistance (junction to lead)
Rth (j-I)
1
2002-08-29
CUS02
Marking Following Indicates the Date of Manufacture
Type code Lot No. 0 Month of manufacture Year of manufacture January to December are denoted by letter A to L respectively. Last decimal digit of the year of manufacture 1 2 3 4
2
5
6
7
8
9
Cathode mark
Standard Soldering Pad
Unit: mm 2.0 0.5 0.8
1.1
0.8
Handling Precaution
Schottky barrier diodes are having large-reverse-current-leakage characteristic compare to the other rectifier products. This current leakage and improper operating temperature or voltage may cause thermal runaway. Please take forward and reverse loss into consideration when you design.
2
2002-08-29
CUS02
iF - vF
10 0.6
PF (AV) - IF (AV)
(A)
Average forward power dissipation PF (AV) (W)
0.5 180 0.4 120
DC
iF
Instantaneous forward current
1
Tj = 150C 75C 100C 25C
0.3 = 60 0.2 Rectangular waveform
0.1
0.1
0 360 Conduction angle:
0.01 0.0
0.2
0.4
0.6
0.8
1.0
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous forward voltage
vF
(V)
Average forward current
IF (AV)
(A)
Ta max - IF (AV)
160
Ta max - IF (AV)
160
Maximum allowable ambient temperature Ta max (C)
140 120 100 80 60 40 0 360 20 0 0.0 Conduction angle: VR = 15 V 0.2 0.4 = 60 Rectangular waveform IF (AV)
Maximum allowable ambient temperature Ta max (C)
Device mounted on a ceramic board (board size: 50 mm x 50 mm)
140 120 100 80 = 60 60 40 0 360 20 0 0.0 Conduction angle: VR = 15 V 0.2 0.4 Rectangular waveform IF (AV)
Device mounted on a glass-epoxy board (board size: 50 mm x 50 mm, land size: 6 mm x 6 mm)
120
180
DC
120
180
DC
0.6
0.8
1.0
1.2
1.4
1.6
0.6
0.8
1.0
1.2
1.4
1.6
Average forward current
IF (AV)
(A)
Average forward current
IF (AV)
(A)
TI max - IF (AV)
160
Maximum allowable lead temperature TI max (C)
140 120 100 80 60 40 0 360 20 0 0.0 Conduction angle: VR = 15 V 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 = 60 Rectangular waveform IF (AV) 120 180 DC 10000
rth (j-a) - t
Transient thermal impedance rth (j-a) (C/W)
(1) Device mounted on a ceramic board Soldering land: 2.0 mm x 2.0 mm (2) Device mounted on a glass-epoxy board Soldering land: 6.0 mm x 6.0 mm (3) Device mounted on a glass-epoxy board Standard Soldering pad
1000
(3) (2) (1)
100
10
1 0.001
0.01
0.1
1
10
100
1000
Average forward current
IF (AV)
(A)
Time t (s)
3
2002-08-29
CUS02
Surge forward current (non-repetitive)
24 Ta = 25C f = 50 Hz 20 1000
Cj - VR
(typ.)
f = 1 MHz Ta = 25C
Peak surge forward current IFSM
(A)
12
Junction capacitance
10 100
Cj
100
16
8
4
0 1
(pF) Number of cycles
10 1
10
100
Reverse voltage VR
(V)
I R - Tj
100 Pulse test 10 VR = 30 V 20 V 15 V 0.1 5V 0.01 3V 10 V
(typ.)
0.8 0.7 0.6 0.5 0.4 0 360 Conduction angle: Tj = 150C Rectangular waveform
PR (AV) - VR
(typ.)
Average reverse power dissipation PR (AV) (W)
(mA)
DC 300 240 180
1
Reverse current IR
0.3 120 0.2 0.1 0.0 0 60
0.001
0.0001 0
20
40
60
80
100
120
140
160
10
20
30
Junction temperature Tj
(C)
Reverse voltage VR
(V)
4
2002-08-29
CUS02
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2002-08-29


▲Up To Search▲   

 
Price & Availability of CUS02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X